Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS165N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74LS165N
Description  8-Bit Parallel In/Serial Output Shift Registers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS165N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74LS165N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
From (Input)
CL = 15 pF
RL = 2 kΩ, CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
25
20
MHz
tPLH
Propagation Delay Time
Load to Any Q
35
37
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Load to Any Q
35
42
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clock to Any Q
40
42
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Any Q
40
47
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
H to QH
25
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
H to QH
30
37
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
H to QH
30
32
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
H to QH
25
32
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74LS165N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS165N NSC-DM74LS165N Datasheet
140Kb / 6P
   8-Bit Parallel In/Serial Output Shift Registers
More results

Similar Description - DM74LS165N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS165 NSC-DM54LS165 Datasheet
140Kb / 6P
   8-Bit Parallel In/Serial Output Shift Registers
54LS165 NSC-54LS165 Datasheet
119Kb / 4P
   8-BIT PARALLEL IN/SERIAL OUTPUT SHIFT REGISTERS
logo
Fairchild Semiconductor
DM74164 FAIRCHILD-DM74164 Datasheet
48Kb / 4P
   8-Bit Serial In/Parallel Out Shift Registers
logo
National Semiconductor ...
54LS164 NSC-54LS164 Datasheet
142Kb / 6P
   8-Bit Serial In/Parallel Out Shift Registers
logo
Hitachi Semiconductor
HD74LS164 HITACHI-HD74LS164 Datasheet
76Kb / 6P
   8-Bit Parallel-Out Serial-In Shift Registers
logo
Intersil Corporation
CD54AC164 INTERSIL-CD54AC164 Datasheet
9Kb / 1P
   8-Bit Serial-In/Parallel-Out Shift Registers
June 1997
logo
National Semiconductor ...
MM54HC166 NSC-MM54HC166 Datasheet
156Kb / 6P
   8-Bit Parallel In/Serial Out Shift Registers
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54164 TI-SN54164 Datasheet
621Kb / 15P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI-SN54LV164A Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com