Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG719-EP Datasheet(PDF) 8 Page - Analog Devices

Part # ADG719-EP
Description  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719-EP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG719-EP Datasheet HTML 4Page - Analog Devices ADG719-EP Datasheet HTML 5Page - Analog Devices ADG719-EP Datasheet HTML 6Page - Analog Devices ADG719-EP Datasheet HTML 7Page - Analog Devices ADG719-EP Datasheet HTML 8Page - Analog Devices ADG719-EP Datasheet HTML 9Page - Analog Devices ADG719-EP Datasheet HTML 10Page - Analog Devices ADG719-EP Datasheet HTML 11Page - Analog Devices ADG719-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG719-EP
Rev. 0 | Page 8 of
12
FREQUENCY (Hz)
–120
10k
100k
1M
10M
100M
–110
–100
–90
–130
–80
–70
–60
–50
–40
–30
VDD = 5V, 3V
Figure 9. Off Isolation vs. Frequency
FREQUENCY (Hz)
–120
10k
100k
1M
10M
100M
–110
–100
–90
–130
–80
–70
–60
–50
–40
–30
VDD = 5V, 3V
Figure 10. Crosstalk vs. Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0
–2
–4
–6
VDD = 5V
Figure 11. On Response vs. Frequency
VS (V)
12
8
–4
5
0
123
4
4
0
10
6
2
–2
VDD = 5V
VDD = 5V
Figure 12. Charge Injection vs. Source Voltage


Similar Part No. - ADG719-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG719BRM AD-ADG719BRM Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL AD-ADG719BRM-REEL Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL7 AD-ADG719BRM-REEL7 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
More results

Similar Description - ADG719-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com