Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS240 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74LS240
Description  Octal 3-STATE Buffer/Line Driver/Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS240 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74LS240 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS240 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
HYS
Hysteresis (VT+ − VT−)
VCC = Min
0.2
0.4
V
Data Inputs Only
VOH
HIGH Level Output Voltage
VCC = Min, VIH = Min
2.7
VIL = Max, IOH = −1 mA
VCC = Min, VIH = Min
2.4
3.4
V
VIL = Max, IOH = −3 mA
VCC = Min, VIH = Min
2
VIL = 0.5V, IOH = Max
VOL
LOW Level Output Voltage
VCC = Min
IOL = 12 mA
0.4
VIL = Max
IOL = Max
0.5
V
VIH = Min
IOZH
Off-State Output Current,
VCC = Max
VO = 2.7V
20
µA
HIGH Level Voltage Applied
VIL = Max
IOZL
Off-State Output Current,
VIH = Min
VO = 0.4V
−20
µA
LOW Level Voltage Applied
II
Input Current at Maximum
VCC = Max
0.1
mA
Input Voltage
VI = 7V
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.2
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−40
−225
mA
ICC
Supply Current
VCC = Max,
Outputs HIGH
13
23
Outputs OPEN
Outputs LOW
26
44
27
46
mA
Outputs Disabled
29
50
32
54


Similar Part No. - DM74LS240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS240 NSC-DM74LS240 Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74LS240N NSC-DM74LS240N Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74LS240N NSC-DM74LS240N Datasheet
102Kb / 3P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
DM74LS240WM NSC-DM74LS240WM Datasheet
142Kb / 6P
   Octal TRI-STATE Buffers/Line Drivers/Line Receivers
More results

Similar Description - DM74LS240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74LS244 FAIRCHILD-DM74LS244 Datasheet
65Kb / 6P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Motorola, Inc
MC74HC204A MOTOROLA-MC74HC204A Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
logo
Integral Corp.
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com