Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4520H Datasheet(PDF) 4 Page - Analog Power

Part # AM4520H
Description  P & N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4520H Datasheet(HTML) 4 Page - Analog Power

  AM4520H Datasheet HTML 1Page - Analog Power AM4520H Datasheet HTML 2Page - Analog Power AM4520H Datasheet HTML 3Page - Analog Power AM4520H Datasheet HTML 4Page - Analog Power AM4520H Datasheet HTML 5Page - Analog Power AM4520H Datasheet HTML 6Page - Analog Power AM4520H Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Analog Power
AM4520H
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics - N-channel
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
Qg - Total Gate Charge (nC)
ID = 5.3A
VDS = 10V
0.01
0.1
1
10
100
0.1
1
10
100
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
5
10
15
20
25
30
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 110°C /W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
© Preliminary
4
Publication Order Number:
DS_AM4520H_1A


Similar Part No. - AM4520H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
   N-Channel and P-Channel MOSFET use advanced trench Technology
More results

Similar Description - AM4520H

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com