Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF10N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF10N62K3
Description  N-channel 620 V, 0.68typ., 8.4 A SuperMESH3?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF10N62K3 Datasheet HTML 1Page - STMicroelectronics STF10N62K3 Datasheet HTML 2Page - STMicroelectronics STF10N62K3 Datasheet HTML 3Page - STMicroelectronics STF10N62K3 Datasheet HTML 4Page - STMicroelectronics STF10N62K3 Datasheet HTML 5Page - STMicroelectronics STF10N62K3 Datasheet HTML 6Page - STMicroelectronics STF10N62K3 Datasheet HTML 7Page - STMicroelectronics STF10N62K3 Datasheet HTML 8Page - STMicroelectronics STF10N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
September 2012
Doc ID 15640 Rev 4
1/17
17
STF10N62K3, STFI10N62K3,
STI10N62K3, STP10N62K3
N-channel 620 V, 0.68
Ω typ., 8.4 A SuperMESH3™
Power MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220 packages
Datasheet
production data
Features
100% avalanche tested
Extremely high dv/dt capability
Gate charge minimized
Very low intrinsic capacitances
Improved diode reverse recovery
characteristics
Zener-protected
Applications
Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STF10N62K3
620 V
< 0.75
8.4 A(1)
1.
Limited by package
30 W
STFI10N62K3
STI10N62K3
8.4 A
125 W
STP10N62K3
TO-220FP
1
2
3
1 2
3
I²PAK
1
2
3
1
2
3
TO-220
I²PAKFP
TAB
TAB
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF10N62K3
10N62K3
TO-220FP
Tube
STFI10N62K3
10N62K3
I²PAKFP
STI10N62K3
10N62K3
I²PAK
STP10N62K3
10N62K3
TO-220
www.st.com


Similar Part No. - STF10N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
   N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF10N60M2 STMICROELECTRONICS-STF10N60M2 Datasheet
657Kb / 13P
   Extremely low gate charge
March 2017 Rev 4
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
logo
VBsemi Electronics Co.,...
STF10N65K3 VBSEMI-STF10N65K3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - STF10N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
   N-channel 620 V, 1.7 廓, 3.8 A SuperMESH3 Power MOSFET
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com