Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1316 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SG1316
Description  Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG1316 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SG1316 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG1316 Datasheet HTML 2Page - KODENSHI_AUK CORP. SG1316 Datasheet HTML 3Page - KODENSHI_AUK CORP. SG1316 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AUK CORP.
SG1316
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
5. Electrical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 10mA
-
2.1
2.5
V
IF= 20mA
-
2.2
2.5
V
*3 Luminous intensity
IV
IF= 10mA
-
1.3
-
mcd
IF= 20mA
-
3
-
mcd
Peak wavelength
λP
IF= 20mA
-
557
-
nm
Spectrum bandwidth
λ
IF= 20mA
-
30
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*4 Half angle
θ/2
X
IF= 20mA
-
±
65
-
deg
Y
-
±
70
-
*4.θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*3.The test result of IF=20mA is only for reference
*3.Luminous Intensity Classification (Test Condition : IF=10mA)
A
B
C
D
0.6~1.0
1.0~1.6
1.6~2.6
2.6~4.1
(Each IV range did not consider a margin. Please refer to ±18% of IV range
as a permitted limit and do not use to combine grade classification.
It must be used separately grade classification)
* Recommended Soldering Land Pattern


Similar Part No. - SG1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SG1316 AUK-SG1316 Datasheet
315Kb / 4P
   Chip LED Lamp
SG1316 AUK-SG1316_1 Datasheet
315Kb / 4P
   Chip LED Lamp
More results

Similar Description - SG1316

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
   Chip LED Lamp
SB1314-V AUK-SB1314-V Datasheet
267Kb / 4P
   Chip LED Lamp
SB1314E-V AUK-SB1314E-V Datasheet
229Kb / 4P
   Chip LED Lamp
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
   Chip LED Lamp
SB1316 AUK-SB1316 Datasheet
79Kb / 3P
   Chip LED Lamp
SY1316 AUK-SY1316 Datasheet
237Kb / 4P
   Chip LED Lamp
SPG1316-H AUK-SPG1316-H Datasheet
289Kb / 4P
   Chip LED Lamp
SM1316-L AUK-SM1316-L Datasheet
270Kb / 4P
   Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com