Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5611-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5611-EVALZ
Description  30 MHz to 6 GHz RF/IF Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611-EVALZ Datasheet(HTML) 8 Page - Analog Devices

  ADL5611-EVALZ Datasheet HTML 1Page - Analog Devices ADL5611-EVALZ Datasheet HTML 2Page - Analog Devices ADL5611-EVALZ Datasheet HTML 3Page - Analog Devices ADL5611-EVALZ Datasheet HTML 4Page - Analog Devices ADL5611-EVALZ Datasheet HTML 5Page - Analog Devices ADL5611-EVALZ Datasheet HTML 6Page - Analog Devices ADL5611-EVALZ Datasheet HTML 7Page - Analog Devices ADL5611-EVALZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADL5611
Preliminary Technical Data
Rev. PrA | Page 8 of 8
OUTLINE DIMENSIONS
Figure 11. 3 Lead Small Outline Transistor Package {SOT-89}
(RK-3)
Dimensions shown in Millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL5611ARKZ-R7
−40°C to +105°C
3-Lead SOT-89, 7“ Tape and Reel
RK-3
ADL5611-EVALZ
−40°C to +105°C
Evaluation Board
1
Z = RoHS Compliant Part.
*COMPLIANT TO JEDEC STANDARDS TO-243 WITH
EXCEPTION TO DIMENSIONS INDICATED BY AN ASTERISK.
4.25
3.94
4.60
4.40
*1.55 REF
1.50 TYP
3.00 TYP
END VIEW
2.60
2.30
1.20
0.90
1
2
(2)
3
*0.58
0.40
*0.52
0.32
1.60
1.40
0.44
0.35
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR11508-0-5/13(PrA)


Similar Part No. - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5611-EVALZ AD-ADL5611-EVALZ Datasheet
402Kb / 16P
   RF/IF Gain Block
More results

Similar Description - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com