Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS393 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74LS393
Description  Dual 4-Bit Binary Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS393 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74LS393 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS393 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS393 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS393 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS393 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS393 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 4: The symbol (
↓) indicates that the falling edge of the clear pulse is used for reference.
Note 5: TA = 25°C, and VCC = 5V.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 6: All typicals are at VCC = 5V, TA = 25°C.
Note 7: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 8: ICC is measured with all outputs open, both CLEAR inputs grounded following momentary connection to 4.5V, and all other inputs grounded.
Supply Voltage
7V
Input Voltage
Clear
7V
A5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 2)
0
25
MHz
fCLK
Clock Frequency (Note 3)
0
20
MHz
tW
Pulse Width (Note 5)
A
20
ns
Clear HIGH
20
tREL
Clear Release Time (Note 4)(Note 5)
25
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 6)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
Clear
0.1
mA
Input Voltage
VCC = Max, VI = 5.5V
A
0.2
IIH
HIGH Level
VCC = Max, VI = 2.7V
Clear
20
µA
Input Current
A
40
IIL
LOW Level
VCC = Max, VI = 0.4V
Clear
−0.4
mA
Input Current
A
−1.6
IOS
Short Circuit Output Current
VCC = Max (Note 7)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 8)
15
26
mA


Similar Part No. - DM74LS393

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS390 FAIRCHILD-DM74LS390 Datasheet
58Kb / 6P
   Dual 4-Bit Decade Counter
DM74LS390M FAIRCHILD-DM74LS390M Datasheet
58Kb / 6P
   Dual 4-Bit Decade Counter
DM74LS390N FAIRCHILD-DM74LS390N Datasheet
58Kb / 6P
   Dual 4-Bit Decade Counter
logo
National Semiconductor ...
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
DM74LS395 NSC-DM74LS395 Datasheet
98Kb / 3P
   4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
More results

Similar Description - DM74LS393

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
   DUAL 4 BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com