Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3977SED-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3977SED-T
Description  Microstepping DMOS Driver with Translator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3977SED-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3977SED-T Datasheet HTML 6Page - Allegro MicroSystems A3977SED-T Datasheet HTML 7Page - Allegro MicroSystems A3977SED-T Datasheet HTML 8Page - Allegro MicroSystems A3977SED-T Datasheet HTML 9Page - Allegro MicroSystems A3977SED-T Datasheet HTML 10Page - Allegro MicroSystems A3977SED-T Datasheet HTML 11Page - Allegro MicroSystems A3977SED-T Datasheet HTML 12Page - Allegro MicroSystems A3977SED-T Datasheet HTML 13Page - Allegro MicroSystems A3977SED-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Microstepping DMOS Driver with Translator
A3977
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Layout.
The printed wiring board should use a heavy ground
plane.
For optimum electrical and thermal performance, the
driver should be soldered directly onto the board.
The load supply terminal, VBB, should be decoupled
with an electrolytic capacitor (>47 μF is recommended)
placed as close to the device as possible.
To avoid problems due to capacitive coupling of the
high dv/dt switching transients, route the bridge-output
traces away from the sensitive logic-input traces. Always
drive the logic inputs with a low source impedance to in-
crease noise immunity.
Grounding.
A star ground system located close to the
driver is recommended.
The 44-lead PLCC has the analog ground and the
power ground internally bonded to the power tabs of the
package (leads 44, 1, 2, 11 – 13, 22 – 24, and 33 – 35).
On the 28-lead TSSOP package, the analog ground
(lead 7) and the power ground (lead 21) must be con-
nected together externally. The copper ground plane located
under the exposed thermal pad is typically used as the star
ground.
Current Sensing.
To minimize inaccuracies caused by
ground-trace IR drops in sensing the output current level,
the current-sense resistor (RS) should have an independent
ground return to the star ground of the device. This path
should be as short as possible. For low-value sense resis-
tors the IR drops in the printed wiring board sense resistor’s
traces can be significant and should be taken into account.
The use of sockets should be avoided as they can introduce
variation in RS due to their contact resistance.
Allegro MicroSystems recommends a value of RS
given by
RS = 0.5/ITRIPmax
Thermal Protection.
Circuitry turns off all drivers when
the junction temperature reaches 165°C, typically. It is
intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits are permitted. Thermal shutdown has a
hysteresis of approximately 15°C.
Applications Information


Similar Part No. - A3977SED-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3977SED-T ALLEGRO-A3977SED-T Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
More results

Similar Description - A3977SED-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com