Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16160G-7TL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S16160G-7TL
Description  32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16160G-7TL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S16160G-7TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16160G-7TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
IS42S83200G, IS42S16160G
IS45S83200G, IS45S16160G
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev.  A
3/20/2012
Copyright©2012IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewith-
outnotice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtain
thelatestversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcan
reasonablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedforuseinsuchap-
plicationsunlessIntegratedSiliconSolution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
FEATURES
• Clockfrequency:166,143MHz
• Fullysynchronous;allsignalsreferencedtoa
positiveclockedge
• Internalbankforhidingrowaccess/precharge
• SinglePowersupply:3.3V+0.3V
• LVTTLinterface
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 8Krefreshcyclesevery32ms(A2grade)or
64ms(commercial,industrial,A1grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operationscapability
• Burstterminationbyburststopandprecharge
command
OPTIONS
• Package:
54-pinTSOP-II
54-ballBGA
• OperatingTemperatureRange:
Commercial(0oCto+70oC)
Industrial(-40oCto+85oC)
AutomotiveGradeA1(-40oCto+85oC)
AutomotiveGradeA2(-40oCto+105oC)
OVERVIEW
ISSI's256MbSynchronousDRAMachieveshigh-speed
datatransferusingpipelinearchitecture.Allinputsand
outputssignalsrefertotherisingedgeoftheclockinput.
The256MbSDRAMisorganizedasfollows.
32Meg x 8,  16Meg x16 
256Mb SYNCHRONOUS DRAM
MARCH 2012
IS42S83200G
IS42S16160G
8Mx8x4Banks 4Mx16x4Banks
54-pinTSOPII
54-pinTSOPII
54-ballBGA
54-ballBGA
Parameter
32M x 8
16M x 16
Configuration
8M x 8 x 4
banks
4M x 16 x 4
banks
Refresh Count
Com./Ind.
A1
A2
8K/64ms
8K/64ms
8K/16ms
8K/64ms
8K/64ms
8K/16ms
Row Addresses
A0-A12
A0-A12
Column Addresses
A0-A9
A0-A8
Bank Address Pins
BA0, BA1
BA0, BA1
Auto Precharge Pins
A10/AP
A10/AP
ADDRESS TABLE
KEY TIMING PARAMETERS
Parameter 
        -6   
-7 
Unit
ClkCycleTime
CAS
Latency=3
6
7
ns
CAS
Latency=2
10
7.5
ns
ClkFrequency
CAS
Latency=3
166
143
Mhz
CASLatency=2
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5.4
5.4
ns
CAS
Latency=2
6.5
5.4
ns


Similar Part No. - IS42S16160G-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BL ISSI-IS42S16160-6BL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BLI ISSI-IS42S16160-6BLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TL ISSI-IS42S16160-6TL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TLI ISSI-IS42S16160-6TLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16160G-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_99 Datasheet
2Mb / 77P
   Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
logo
Hynix Semiconductor
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com