Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS503N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74LS503N
Description  8-Bit Successive Approximation Register (with Expansion Control)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS503N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74LS503N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS503N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS503N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS503N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
VCC = +5.0V, TA = +25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Voltage
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
tS (H)
Setup Time HIGH or LOW
16
ns
tS (L)
S to CP
16
tH (H)
Hold Time HIGH or LOW
0
ns
tH (L)
S to CP
0
tS (H)
Setup Time HIGH or LOW
8
ns
tS (L)
D to CP
8
tH (H)
Hold Time HIGH or LOW
10
ns
tH (L)
D to CP
10
tW (H)
CP Pulse Width HIGH or LOW
46
ns
tW (L)
46
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max, VIH = Min
0.5
V
Output Voltage
IOL = 4 mA, VCC = Min
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
0.1
mA
Input Voltage
VI = 10V
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.8
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICC
Supply Current
VCC = Max
65
mA
Symbol
Parameter
RL = 2 kΩ, CL = 15 pF
Units
Min
Max
fMAX
Maximum Count Frequency
15
MHz
tPLH
Propagation Delay
35
ns
tPHL
CP to Qn or CC
25
tPLH
Propagation Delay
20
ns
tPHL
E to Q7
24


Similar Part No. - DM74LS503N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS502N NSC-DM74LS502N Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
DM74LS502WM NSC-DM74LS502WM Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
More results

Similar Description - DM74LS503N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
   8 - BIT SUCCESSIVE APPROXIMATION REGISTER
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
logo
Nippon Precision Circui...
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com