Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS670 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74LS670
Description  3-STATE 4-by-4 Register File
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS670 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74LS670 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS670 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 8: All typicals are at VCC = 5V, TA = 25°C.
Note 9: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 10: ICC is measured with 4.5V applied to all DATA inputs and both ENABLE inputs, all ADDRESS inputs are grounded and all outputs are OPEN.
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 11: CL = 5 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.34
0.5
V
Output Voltage
IOL = Max, VIH = Min
II
Input Current @ Max
VCC = Max
D, R or W
0.1
Input Voltage
VI = 7V
GW
0.2
mA
GR
0.3
IIH
HIGH Level
VCC = Max
D, R or W
20
Input Current
VI = 2.7V
GW
40
µA
GR
60
IIL
LOW Level
VCC = Max
D, R or W
−0.4
Input Current
VI = 0.4V
GW
−0.8
mA
GR
−1.2
IOZH
Off-State Output Current with
VCC = Max, VO = 2.7V
20
µA
HIGH Level Output Voltage Applied VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.4V
−20
µA
LOW Level Output Voltage Applied VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 9)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 10)
30
50
mA
RL = 667Ω
Symbol
Parameter
From (Input)
CL = 45 pF
CL = 150 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Read Select to Q
40
50
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Read Select to Q
45
55
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Write Enable to Q
45
55
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Write Enable to Q
50
60
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data to Q
45
55
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Q
40
50
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Read Enable to Any Q
35
45
ns
to HIGH Level Output
tPZL
Output Enable Time
Read Enable to Any Q
40
50
ns
to LOW Level Output
tPHZ
Output Disable Time from
Read Enable to Any Q
50
ns
HIGH Level Output (Note 11)
tPLZ
Output Disable Time from
Read Enable to Any Q
35
ns
LOW Level Output (Note 11)


Similar Part No. - DM74LS670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS670 NSC-DM74LS670 Datasheet
150Kb / 4P
   TRI-STATE 4-BY-4 REGISTER FILES
More results

Similar Description - DM74LS670

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Hitachi Semiconductor
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com