Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLSL4212A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLSL4212A
Description  High Brightness LED Power Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL4212A Datasheet(HTML) 2 Page - Vishay Siliconix

  VLSL4212A Datasheet HTML 1Page - Vishay Siliconix VLSL4212A Datasheet HTML 2Page - Vishay Siliconix VLSL4212A Datasheet HTML 3Page - Vishay Siliconix VLSL4212A Datasheet HTML 4Page - Vishay Siliconix VLSL4212A Datasheet HTML 5Page - Vishay Siliconix VLSL4212A Datasheet HTML 6Page - Vishay Siliconix VLSL4212A Datasheet HTML 7Page - Vishay Siliconix VLSL4212A Datasheet HTML 8Page - Vishay Siliconix VLSL4212A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 83378
2
Rev. 1.0, 11-Nov-10
VLSL4212A, VLSL4224A, VLSL4236A
Vishay Semiconductors High Brightness LED Power Module
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
(3) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
(3) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
(3) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLSL4212A, WARM WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (2)
IF = 700 mA
ΦV
550
750
-
lm
Luminous flux total (2)
Iboard = 2 x 700 mA
ΦV
1100
1500
-
lm
Color temperature
IF = 700 mA
TK
-
3500
-
K
Forward voltage per row
IF = 700 mA
VF
19
21
23
V
Class A (VFmax. - VFmin.) all rows (3)
IF = 700 mA
ΔVF
--
0.9
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 20
-
mV/K
Temperature coefficient of
ΦV per row
IF = 350 mA
TC
ΦV
-- 0.4-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLSL4224A, WARM WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (2)
IF = 700 mA
ΦV
550
750
-
lm
Luminous flux total (2)
Iboard = 4 x 700 mA
ΦV
2200
3000
-
lm
Color temperature
IF = 700 mA
TK
-
3500
-
K
Forward voltage per row
IF = 700 mA
VF
19
21
23
V
Class A (VFmax. - VFmin.) all rows (3)
IF = 700 mA
ΔVF
--
0.9
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 20
-
mV/K
Temperature coefficient of
ΦV per row
IF = 350 mA
TC
ΦV
-- 0.4-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLSL4236A, WARM WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (2)
IF = 700 mA
ΦV
550
750
-
lm
Luminous flux total (2)
Iboard = 6 x 700 mA
ΦV
3300
4500
-
lm
Color temperature
IF = 700 mA
TK
-
3500
-
K
Forward voltage per row
IF = 700 mA
VF
19
21
23
V
Class A (VFmax. - VFmin.) all rows (3)
IF = 700 mA
ΔVF
--
0.9
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 20
-
mV/K
Temperature coefficient of
ΦV per row
IF = 350 mA
TC
ΦV
-- 0.4-
%/K


Similar Part No. - VLSL4212A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL4212A VISHAY-VLSL4212A Datasheet
243Kb / 9P
   High Brightness LED Power Module
02-Oct-12
More results

Similar Description - VLSL4212A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
   High Brightness LED Power Module
Rev. 1.0, 30-Jul-12
VLPC0101C6 VISHAY-VLPC0101C6 Datasheet
213Kb / 6P
   High Brightness LED Power Module
Rev. 1.2, 27-Sep-13
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
   High Brightness LED Power Module
Rev. 1.1, 31-Oct-12
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
   High Brightness LED Power Module
02-Oct-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
   High Brightness LED Power Module
Rev. 1.1, 13-Apr-11
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
   High Brightness LED Power Module
Rev. 1.2, 13-Feb-12
VLPC0303A2 VISHAY-VLPC0303A2 Datasheet
207Kb / 6P
   High Brightness LED Power Module
Rev. 1.3, 05-Dec-11
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLSL4236A VISHAY-VLSL4236A_V01 Datasheet
243Kb / 9P
   High Brightness LED Power Module
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com