Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4962GSTR-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AM4962GSTR-G1
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4962GSTR-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4962GSTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM4962GSTR-G1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
11
0
10
203040
506070
8090
100
0
20
40
60
80
100
Max. Duty Cycle
Input PWM Duty Cycle (%)
Min. Duty Cycle
Slope K
OUT2
OUT1
VCC
GND
VMIN
CT
PWM
RADJ
CF
HIN-
FG
HB
RD
HIN+
Hall
AM4962
D1
C1
1
μF
VCC
L1
C3
1
μF
C2
0.47
μF
1 (1)
PGND
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
Typical Application (Note 4)
Figure 10
Application 1 (Default)
R1
R2
D3
OUT2
OUT1
VCC
GND
VMIN
CT
PWM
RADJ
CF
HIN-
FG
HB
RD
HIN+
Hall
AM4962
D1
C1
1 F
VCC
L1
C3
1 F
C2
0.47 F
1 (1)
PGND
R3
R4
V+
R5
R6
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
D2
Application 2 (Slope K and Minimum/Maximum Duty Adjustable)
Note: D2 and D3 are recommended to be used when the current in coil L1 is higher than 300mA.
Figure 11. Typical Applications of AM4962


Similar Part No. - AM4962GSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4962GSTR-G1 BCDSEMI-AM4962GSTR-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962GSTR-G1 DIODES-AM4962GSTR-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4962GSTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com