Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2113AM-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2113AM-G1
Description  1.6x Linear Fan Driver with Enable Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2113AM-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2113AM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2113AM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Datasheet
1.6x Linear Fan Driver with Enable Function
AP2113A
May. 2011 Rev 1. 0
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6.0
V
VSET Input Voltage
VSET
5.5
V
Enable Input Voltage
VEN
5.5
V
Operating
Junction
Temperature
Range
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Thermal Resistance (Junction to
Ambient)(No Heat Sink)
θJA
144
°C /W
ESD (Machine Model)
300
V
ESD (Human Body Model)
6000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.5
5.5
V
Operating
Ambient
Temperature
Range
TA
-40
85
°C


Similar Part No. - AP2113AM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
logo
Diodes Incorporated
AP2113 DIODES-AP2113 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
logo
BCD Semiconductor Manuf...
AP2113KTR-G1 BCDSEMI-AP2113KTR-G1 Datasheet
586Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
logo
Diodes Incorporated
AP2113KTR-G1 DIODES-AP2113KTR-G1 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
logo
BCD Semiconductor Manuf...
AP2113M-G1 BCDSEMI-AP2113M-G1 Datasheet
586Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
More results

Similar Description - AP2113AM-G1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G990 GMT-G990 Datasheet
61Kb / 2P
   1.6X Linear Fan Driver
G996 GMT-G996 Datasheet
153Kb / 1P
   1.6X Linear Fan Driver
logo
Advanced Power Electron...
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Advanced Power Electron...
APE8876 A-POWER-APE8876 Datasheet
453Kb / 10P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Global Mixed-mode Techn...
G991 GMT-G991 Datasheet
62Kb / 2P
   1.6X Linear Fan Driver with VO Fully On Control
logo
Diodes Incorporated
AP2113 DIODES-AP2113 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
logo
Anachip Corp
AP450 ANACHIP-AP450 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com