Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2113KTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2113KTR-G1
Description  1.6x Linear DC Fan Driver with VOUT Fully on Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2113KTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2113KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2113KTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Preliminary Datasheet
1.6x Linear DC Fan Driver with VOUT Fully on Control
AP2113
Mar. 2012 Rev 1. 3
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VIN=5.0V, VSET=2V, CIN=1µF, COUT=1µF, Typical TA=25°C, Bold typeface applies over full temperature
range, -40°C≤TA≤85°C ranges, unless otherwise specified.
Parameter
Symbol
Conditions
Min Typ Max Unit
70
100
µA
Quiescent Current
IQ
45
µA
Output Current
IOUT
VIN=5.0V, VOUT=3.2V
600
mA
Output Voltage/
VSET Voltage
VOUT/VSET
VIN=5.5V, VSET=1V to 3.2V,
IOUT=30mA
1.552
1.6
1.648
V/V
Line Regulation
(V
OUT/VOUT)
VIN
VIN=VOUT+1V to 5.5V, IOUT=30mA
0.02
0.1
%/V
Load Regulation
(V
OUT/VOUT)
IOUT
1mA ≤ IOUT ≤600mA
0.2
1
%/A
150
200
mV
Dropout Voltage
VDROP
200
250
mV
Minimum VSET Voltage
VSET
1
V
VSET Pin Current
ISET
VSET=5V
1
µA
Fold-back Short Current
ISHORT
VOUT=0V
50
mA
Output Current Limit
ILIMIT
1000
mA
FON
________
Logic Input High
Level
1.6
5.5
V
FON
________
Logic Input Low
Level
0
0.4
V
FON
________
Pin Bias Current
1.5
10
µA
Thermal
Shutdown
Temperature
TOTSD
165
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
VFON=0V
VFON=5V, No Load
VFON=0V , IOUT=600mA
VIN=5V, VSET=2V,
VFON=5V , IOUT=600mA
VIN=5V, VSET=2V,
VFON=0V, No Load


Similar Part No. - AP2113KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2113KTR-G1 DIODES-AP2113KTR-G1 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
More results

Similar Description - AP2113KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2113 DIODES-AP2113 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Advanced Power Electron...
APE8876 A-POWER-APE8876 Datasheet
453Kb / 10P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Global Mixed-mode Techn...
G991 GMT-G991 Datasheet
62Kb / 2P
   1.6X Linear Fan Driver with VO Fully On Control
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
logo
Global Mixed-mode Techn...
G990 GMT-G990 Datasheet
61Kb / 2P
   1.6X Linear Fan Driver
G996 GMT-G996 Datasheet
153Kb / 1P
   1.6X Linear Fan Driver
logo
Advanced Power Electron...
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER
logo
BCD Semiconductor Manuf...
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
   1.6x Linear Fan Driver with Enable Function
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com