Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132A Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132A
Description  Peak 3A CMOS LDO Regulator with Enable and Power Good
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132A Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2132A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132A
Mar. 2012 Rev 1.0
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2132A
-
Circuit Type
G1: Green
Package
Blank: Tube
MP: PSOP-8
TR: Tape & Reel
Package
Temperature
Range
Version
Description
Part Number
Marking ID
Packing
Type
AP2132AMP-1.2G1
2132A-1.2G1
Tube
AP2132AMP-1.2TRG1
2132A-1.2G1
Tape &
Reel
AP2132AMP-1.5G1
2132A-1.5G1
Tube
AP2132AMP-1.5TRG1
2132A-1.5G1
Tape &
Reel
AP2132AMP-1.8G1
2132A-1.8G1
Tube
AP2132AMP-1.8TRG1
2132A-1.8G1
Tape &
Reel
AP2132AMP-2.5G1
2132A-2.5G1
Tube
PSOP-8
-40ºC to 85ºC
Each fixed
output
version
integrates
ADJ version
AP2132AMP-2.5TRG1
2132A-2.5G1
Tape &
Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
1.2: Fixed Output 1.2V
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V


Similar Part No. - AP2132A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.2G1 DIODES-AP2132AMP-1.2G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.2TRG1 DIODES-AP2132AMP-1.2TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.5G1 DIODES-AP2132AMP-1.5G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.5TRG1 DIODES-AP2132AMP-1.5TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com