Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2138,9 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138,9
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138,9 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2138,9 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138,9 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Data Sheet
1
Jul. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AP2138/2139
SOT-23-3
General Description
The AP2138/2139 series are CMOS-based positive
voltage regulator ICs. Each of these ICs consists of a
voltage reference, an error amplifier, a resistor network
for setting output voltage and a current limit circuit for
current protection.
The difference between AP2138 and AP2139 is the
AP2139 has an enable circuit with a quick discharge
function.
These ICs feature high output voltage accuracy,
extremely low quiescent current and low dropout volt-
age which make them ideal for use in various power
sources for portable applications.
The AP2138/2139 series have 1.2V, 1.4V, 1.5V, 1.8V,
2.5V, 2.8V, 3.0V, 3.3V, 3.6V and 4.0V fixed output
voltage versions.
The AP2138 series is available in SOT-23-3 and SOT-
89 packages, AP2139 series is available in SOT-23-5
package.
Features
·
Ultra-low Quiescent Current: 1.0
μA Typical
·
Output Voltages: 1.2V, 1.4V, 1.5V, 1.8V, 2.5V,
2.8V, 3.0V, 3.3V, 3.6V and 4.0V
·
High Output Voltage Accuracy:
±2%
·
Output Current: 250mA
·
Low Dropout Voltage:
25mV Typical at IOUT=10mA and VOUT=3V
200mV Typical at IOUT=100mA and VOUT=3V
·
Line Regulation: 6mV Typical
·
Load Regulation: 25mV Typical
·
Low Output Voltage Temperature Coefficient:
±100ppm/oC
·
Low Standby Current: 0.1
μA Typical (AP2139)
·
Active Quick Output Discharge (AP2139)
·
Logic-controlled Enable (AP2139)
Applications
·
Battery Powered Equipment
·
Reference Voltage Sources
·
Cameras, Video Cameras
·
Portable AV Systems
·
Mobile Phones
·
Communication Tools
·
Portable Games
SOT-23-5
SOT-89


Similar Part No. - AP2138,9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138N-1.2TRG1 DIODES-AP2138N-1.2TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.4TRG1 BCDSEMI-AP2138N-1.4TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138N-1.4TRG1 DIODES-AP2138N-1.4TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138,9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com