Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132AMP-1.2TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132AMP-1.2TRG1
Description  Peak 3A CMOS LDO Regulator with Enable and Power Good
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132AMP-1.2TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2132AMP-1.2TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132A
Mar. 2012 Rev 1.0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2132A series are positive voltage regulator
ICs fabricated by CMOS process. The ICs consist of
a voltage reference, an error amplifier, a power
transistor, a resistor network for setting output
voltage, a current limit circuit for current protection,
and a chip enable circuit.
The AP2132A have features of large current, low
dropout voltage, high output voltage accuracy and
low input voltage. The AP2132A provide a power
good (PG) signal to indicate if the voltage level of
VOUT reaches 92% of its rating value. And it operates
with a VIN as low as 1.4V and VCTRL voltage 5V with
output voltage programmable as low as 0.6V.
The AP2132A are available in 1.2V, 1.5V, 1.8V, 2.5V
fixed output voltage versions and adjustable output
voltage version. The fixed versions integrate the
adjust resistors. It is also available in an adjustable
version, which can set the output voltage with
external resistor. If the pin of adjustable output
voltage is to ground, it will switch to fixed output
voltage.
The AP2132A series are available in PSOP-8
package.
Features
Adjustable Output: 0.6V to 3.0V
Low Dropout Voltage: 300mV at IOUT=2A,
VOUT=1.2V
Over Current and Over Temperature Protection
Enable Pin
PSOP-8 Package with Thermal Pad
Maximum Output Current: 3A (Peak)
High Output Voltage Accuracy: 2%
VOUT Power Good Signal
Excellent Line/Load Regulation
Applications
Notebook
Figure 1. Package Type of AP2132A
PSOP-8


Similar Part No. - AP2132AMP-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132AMP-1.2TRG1 DIODES-AP2132AMP-1.2TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132AMP-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com