Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2128K-1.8TRG1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128K-1.8TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128K-1.8TRG1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2128K-1.8TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128K-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
4
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Ordering Information
Circuit Type
Package
K: SOT-23-5
AP2128
-
TR: Tape and Reel
ADJ: ADJ Output
G1: Green
1.0: Fixed Output 1.0V
1.2: Fixed Output 1.2V
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
2.8: Fixed Output 2.8V
3.3: Fixed Output 3.3V
4.2: Fixed Output 4.2V
4.75: Fixed Output 4.75V
5.2: Fixed Output 5.2V
Product
Package
Temperature
Range
Part Number
Marking ID
Packing Type
AP2128
SOT-23-5
-40 to 85oC
AP2128K- ADJTRG1
FAD
Tape & Reel
AP2128K-1.0TRG1
FAJ
Tape & Reel
AP2128K-1.2TRG1
FAK
Tape & Reel
AP2128K-1.5TRG1
GAN
Tape & Reel
AP2128K-1.8TRG1
GAP
Tape & Reel
AP2128K-2.5TRG1
GAQ
Tape & Reel
AP2128K-2.8TRG1
GAR
Tape & Reel
AP2128K-3.0TRG1
GAW
Tape & Reel
AP2128K-3.3TRG1
FAL
Tape & Reel
AP2128K-3.9TRG1
GBU
Tape & Reel
AP2128K-4.2TRG1
GAZ
Tape & Reel
AP2128K-4.75TRG1
GFZ
Tape & Reel
AP2128K-5.2TRG1
GAV
Tape & Reel
3.0: Fixed Output 3.0V
3.9: Fixed Output 3.9V


Similar Part No. - AP2128K-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128K-1.8TRG1 BCDSEMI-AP2128K-1.8TRG1 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2128K-1.8TRG1 DIODES-AP2128K-1.8TRG1 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results

Similar Description - AP2128K-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com