Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2114HA-2.5TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114HA-2.5TRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114HA-2.5TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2114HA-2.5TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2114 is CMOS process low dropout linear
regulator with enable function, the regulator delivers
a guaranteed 1A (Min) continuous load current.
The AP2114 features low power consumption.
The AP2114 is available in 1.2V, 1.5V, 1.8V, 2.5V
and 3.3V regulator output and 0.8V to 5V adjustable
output, and available in excellent output accuracy
±1.5%, it is also available in an excellent load
regulation and line regulation performance.
The AP2114 is available in standard packages of
SOT-223, TO-252-2 (1), TO-252-2 (3), TO-252-2 (4),
TO-263-3, SOIC-8 and PSOP-8.
Features
Output Voltage Accuracy: ±1.5%
Output Current: 1A (Min)
Fold-back Short Current Protection: 50mA
Low Dropout Voltage (3.3V): 450mV (Typ)
@IOUT=1A
Stable with 4.7μF Flexible Cap: Ceramic,
Tantalum and Aluminum Electrolytic
Excellent Line Regulation: 0.02%/V (Typ),
0.1%/V (Max) @ IOUT=30mA
Excellent Load Regulation: 0.2%A (Typ) @
IOUT=1mA to 1A
Low Quiescent Current: 60μA (1.2V/1.5V/1.8V
/2.5V/ADJ)
Low Output Noise: 30μVRMS
PSRR: 68dB @ Freq=1KHz (1.2V/1.5V/1.8V
/ADJ)
OTSD Protection
Operating Temperature Range: -40°C to 85°C
ESD: MM 400V, HBM 4000V
Applications
LCD Monitor
LCD TV
STB
Figure 1. Package Types of AP2114
SOT-223
TO-263-3
TO-252-2 (1)
TO-252-2 (3)
TO-252-2 (4)
SOIC-8
PSOP-8


Similar Part No. - AP2114HA-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2114HA-2.5TRG1 DIODES-AP2114HA-2.5TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114HA-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com