Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402
Description  DUAL 300mA LDO REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2402_10 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
1
Mar. 2012 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
DUAL 300mA LDO REGULATORS
AP2402
General Description
The AP2402 series are dual positive voltage regulator
ICs fabricated by CMOS process. Each of these ICs
consists of a voltage reference, two error amplifiers,
two resistor networks for setting output voltages. Each
channel has a current limit circuit for current protection
and a chip enable circuit with quick discharge function.
The AP2402 series feature high supply voltage ripple
rejection, low dropout voltage, low noise, high output
voltage accuracy, and low current consumption which
make them ideal for use in various battery-powered
devices. The chip-enable function allows the output of
each channel to be turned on/off independently, greatly
reducing the power consumption.
The AP2402 series have 2.5V/1.8V, 2.8V/1.8V, 2.8V/
2.8V, 2.8V/3.3V and 3.3V/3.3V versions.
The 2.5V/1.8V, 2.8V/1.8V and 2.8V/2.8V versions are
available in SOT-23-6, TSOT-23-6 and DFN-2
×2-8
packages. The 2.8V/3.3V and 3.3V/3.3V versions are
available in TSOT-23-6 package only.
Features
·
Minimum Output Current Capability per Channel:
300mA
·
High Output Voltage Accuracy:
±2%
·
Low Quiescent Current per Channel: 50
µA Typi-
cal
·
Low Standby Current: 0.1
µA Typical
·
High PSRR: 70dB Typical (f=1kHz)
·
Extremely Low Noise: 30
µVrms (10Hz to
100kHz)
·
Operating Temperature: -20 to 60oC
·
Compatible with 2.2
µF Low ESR Ceramic Capac-
itor
Applications
·
Mobile Phones, Cordless Phones
·
Wireless Communication Equipment
·
Portable Games
·
Cameras, Video Recorders
·
Sub-board Power Supplies for Telecom Equip-
ment
·
Battery Powered Equipment
Figure 1. Package Types of AP2402
SOT-23-6
TSOT-23-6
DFN-2
×2-8


Similar Part No. - AP2402_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402A21DNTR-E1 BCDSEMI-AP2402A21DNTR-E1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A21DNTR-E1 BCDSEMI-AP2402A21DNTR-E1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A21DNTR-G1 BCDSEMI-AP2402A21DNTR-G1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A21DNTR-G1 BCDSEMI-AP2402A21DNTR-G1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A21KTR-E1 BCDSEMI-AP2402A21KTR-E1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
More results

Similar Description - AP2402_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com