Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2138N-2.5TRG1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138N-2.5TRG1
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138N-2.5TRG1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2138N-2.5TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138N-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Data Sheet
3
Jul. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
VREF
CURRENT
LIMIT
VREF
CURRENT LIMIT
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2138/2139
VIN
3 (2)[3]
VOUT
GND
1 (1)[2]
2 (3)[1]
VIN
GND
VOUT
5
1
2
CE
3
AP2138
AP2139
A: SOT-23-3
B: SOT-89 (R)
A(B)[C]
C: SOT-89 (RA)


Similar Part No. - AP2138N-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138N-2.5TRG1 BCDSEMI-AP2138N-2.5TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138N-2.5TRG1 DIODES-AP2138N-2.5TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138N-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com