Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2128K-3.3TRG1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128K-3.3TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128K-3.3TRG1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128K-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128K-3.3TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
9
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
(AP2128-2.5V/2.8V/3.0V/3.3V/3.9V/4.2V/4.75V, VIN=VOUT+1V; AP2128-5.2V, VIN=6V, CIN=1µF, COUT=1µF, Bold type-
face applies over -40oC
≤TA≤85oC, unless otherwise specified.)
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Soft Start Time
tUP
50
µs
Shutdown "High" Voltage
Shutdown input voltage "High"
1.5
6
V
Shutdown "Low" Voltage
Shutdown input voltage "Low"
0
0.4
V
VOUT Discharge MOSFET
RDS(ON)
Shutdown input voltage "Low"
60
Shutdown Pull Down Resis-
tance
3M
Thermal Shutdown
165
oC
Thermal Shutdown Hysteresis
30
oC
Thermal Resistance
θJC
SOT-23-5
150
oC/W


Similar Part No. - AP2128K-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128K-3.3TRG1 BCDSEMI-AP2128K-3.3TRG1 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128K-3.3TRG1 BCDSEMI-AP2128K-3.3TRG1 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2128K-3.3TRG1 DIODES-AP2128K-3.3TRG1 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results

Similar Description - AP2128K-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com