Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132AMP-2.5TRG1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132AMP-2.5TRG1
Description  Peak 3A CMOS LDO Regulator with Enable and Power Good
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132AMP-2.5TRG1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2132AMP-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132A
Mar. 2012 Rev 1.0
BCD Semiconductor Manufacturing Limited
9
Typical Performance Characteristics (Continued)
Figure 12. Dropout Voltage vs. Case Temperature
Figure 13. Short Current vs. Case Temperature
Figure 14. PSRR vs. Frequency (Hz)
Figure 15. VIN Start up Waveform
(VCTRL=VEN=5V, VIN=0 to 2.2V, No Load)
-30
-15
0
1530
456075
90
105
120
0
40
80
120
160
200
240
280
320
AP2132A-1.2V
V
OUT
=1.2V
V
IN
=2.2V
V
CTRL
=V
EN
=5V
Ouput Short to GND
Case Temperature (
oC)
-25
0
25
50
75
0
40
80
120
160
200
240
280
320
360
400
AP2132A-1.2V
V
CTRL
=V
EN
=5V
I
OUT
=30mA
I
OUT
=500mA
I
OUT
=1A
I
OUT
=2A
Case Temperature (
oC)
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2132A-1.2V
V
OUT
=1.2V
C
IN
=10µF, C
OUT
=10µF, C
CTRL
=1µF,
V
CTRL
=V
EN
=5V, V
IN
=2.2V to 3.2V, I
OUT
=10mA


Similar Part No. - AP2132AMP-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132AMP-2.5TRG1 DIODES-AP2132AMP-2.5TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132AMP-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com