Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204K-3.3TRG1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204K-3.3TRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204K-3.3TRG1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2204K-3.3TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2204K-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204
5
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul 2011 Rev. 2. 2
Ordering Information (Continued)
Package
Temperature
Range
Output Voltage
Part Number
Marking ID
Packing Type
Green
Green
SOT-89
-40 to 85oC
1.5V (RA)
AP2204RA-1.5TRG1
G22O
Tape & Reel
1.8V (RA)
AP2204RA-1.8TRG1
G27O
Tape & Reel
2.5V (RA)
AP2204RA-2.5TRG1
G28O
Tape & Reel
2.8V (RA)
AP2204RA-2.8TRG1
G31O
Tape & Reel
3.0V (RA)
AP2204RA-3.0TRG1
G33O
Tape & Reel
3.3V (RA)
AP2204RA-3.3TRG1
G37O
Tape & Reel
5.0V (RA)
AP2204RA-5.0TRG1
G41O
Tape & Reel
PSOP-8
-40 to 85oC
ADJ
AP2204MP-ADJTRG1
2204MP-ADJG1
Tape & Reel
1.5V
AP2204MP-1.5TRG1
2204MP-1.5G1
Tape & Reel
1.8V
AP2204MP-1.8TRG1
2204MP-1.8G1
Tape & Reel
2.5V
AP2204MP-2.5TRG1
2204MP-2.5G1
Tape & Reel
2.8V
AP2204MP-2.8TRG1
2204MP-2.8G1
Tape & Reel
3.0V
AP2204MP-3.0TRG1
2204MP-3.0G1
Tape & Reel
3.3V
AP2204MP-3.3TRG1
2204MP-3.3G1
Tape & Reel
5.0V
AP2204MP-5.0TRG1
2204MP-5.0G1
Tape & Reel
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.


Similar Part No. - AP2204K-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2204K-3.3VTRG1 DIODES-AP2204K-3.3VTRG1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AP2204K-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com