Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3005 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3005
Description  2A 420kHz PWM BUCK DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3005 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3005_11 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
2A 420kHz PWM BUCK DC-DC CONVERTER
AP3005
Mar. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
8
-40
0
40
80
120
24
28
32
36
40
44
Junction Temperature (
oC)
0.00.5
1.01.5
2.0
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
Output Current (A)
V
IN
=12V
T
A
=25
oC
5
10152025
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Voltage (V)
T
A
=25
OC
V
OUT
=2.5V
V
OUT
=3.3V
V
OUT
=5.0V
Typical Performance Characteristics (Continued)
VCC=12V, VOUT=5V, TA=25℃, unless otherwise specified.
Figure 13. Output Voltage vs. Output Current
Figure 14. Maximum Output Current vs. Input Voltage
Figure 12. OCP Frequency vs.
Junction Temperature


Similar Part No. - AP3005_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005 Datasheet
491Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
More results

Similar Description - AP3005_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005 Datasheet
491Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com