Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402A33KTTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402A33KTTR-E1
Description  DUAL 300mA LDO REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402A33KTTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2402A33KTTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402A33KTTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
4
Mar. 2012 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
DUAL 300mA LDO REGULATORS
AP2402
Ordering Information
Package
Temperature
Range
Output
Voltages
Part Number
Marking
ID
Part Number
Marking
ID
Packing Type
Lead-Free
Lead-Free
Green
Green
SOT-23-6
-20 to 60oC
2.5V/1.8V AP2402A21KTR-E1
EAA
AP2402A21KTR-G1
GAA
Tape & Reel
2.8V/1.8V AP2402A31KTR-E1
EAB
AP2402A31KTR-G1
GAB
Tape & Reel
2.8V/2.8V AP2402A33KTR-E1
EAC
AP2402A33KTR-G1
GAC
Tape & Reel
TSOT-23-6
-20 to 60oC
2.5V/1.8V AP2402A21KTTR-E1 S8A
AP2402A21KTTR-G1
L8A
Tape & Reel
2.8V/1.8V AP2402A31KTTR-E1 S8B
AP2402A31KTTR-G1
L8B
Tape & Reel
2.8V/2.8V AP2402A33KTTR-E1 S8C
AP2402A33KTTR-G1
L8C
Tape & Reel
2.8V/3.3V AP2402A34KTTR-E1 S8D
AP2402A34KTTR-G1
L7A
Tape & Reel
3.3V/3.3V AP2402A44KTTR-E1 S8F
AP2402A44KTTR-G1
L7B
Tape & Reel
DFN-2
×2-8
-20 to 60oC
2.5V/1.8V AP2402A21DNTR-E1 6A
AP2402A21DNTR-G1
DA
Tape & Reel
2.8V/1.8V AP2402A31DNTR-E1 6B
AP2402A31DNTR-G1
DB
Tape & Reel
2.8V/2.8V AP2402A33DNTR-E1 6C
AP2402A33DNTR-G1
DC
Tape & Reel
Circuit Type
Package
E1: Lead Free
AP2402
-
TR: Tape and Reel
Ordering Information
K: SOT-23-6
A: Active High
(With Built-in Pull-down Resistor)
3: Fixed Output 2.8V (Channel 2)
2: Fixed Output 2.5V (Channel 1)
3: Fixed Output 2.8V (Channel 1)
1: Fixed Output 1.8V (Channel 2)
KT: TSOT-23-6
DN: DFN-2
×2-8
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
4: Fixed Output 3.3V (Channel 1)
4: Fixed Output 3.3V (Channel 2)


Similar Part No. - AP2402A33KTTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402A33KTTR-E1 BCDSEMI-AP2402A33KTTR-E1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A33KTTR-E1 BCDSEMI-AP2402A33KTTR-E1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
More results

Similar Description - AP2402A33KTTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com