Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204R-1.8TRG1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204R-1.8TRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204R-1.8TRG1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2204R-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2204R-1.8TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204
7
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul 2011 Rev. 2. 2
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
Variation from Specified
VOUT
VOUT
×98%
VOUT
×102%
V
Reference Voltage
VREF
1.215
1.24
1.265
V
Input Voltage
VIN
24
V
Maximum Output
Current
IOUT(max)
VIN-VOUT=1V
VOUT=98% ×VOUT
150
200
mA
Line Regulation
∆VOUT/∆VIN
VOUT+1V≤VIN≤24V
0.05
%
Load Regulation
∆VOUT/VOUT
1mA
≤IOUT≤150mA
0.5
%
Dropout Voltage
VDROP
IOUT=100µA
100
150
mV
IOUT=50mA
270
350
IOUT=100mA
320
460
IOUT=150mA
360
500
Ground Current
IGND
IOUT=100µA50
µA
IOUT=50mA
0.5
mA
IOUT=100mA
1.3
IOUT=150mA
2.5
Standby Current
ISTD
VIN=VOUT+1V
VEN in OFF Mode
0.01
1.0
µA
Power Supply
Rejection Ration
PSRR
Ripple 0.5VP-P
VIN=VOUT+1V
f=100Hz
60
dB
f=1kHz
60
Output Voltage
Temperature
Coefficient
∆VOUT/(VOUT ×∆T)
IOUT=100µA,
-40 oC
≤TJ≤125oC
±100
ppm/oC
RMS Output Noise
VNOI
TJ=25oC, 10Hz≤f≤100kHz
30
µVrms
ADJ Pin Current
IADJ
IOUT=100µA
0.5
µA
EN Pin Current
IEN
VEN=VOUT+1V
1
µA
EN“High”Voltage
EN Input Voltage “High”
2.0
V
EN “Low”Voltage
EN Input Voltage “Low”
0.4
V
Thermal Resistance
(Junction to Case)
θJC
SOT-23-5
43
oC/W
SOT-89
27
PSOP-8
22
VIN=VOUT+1V, TJ=25oC, IOUT=100µA, CIN=1.0µF, COUT=2.2µF, Bold typeface applies over -40oC≤TJ≤125oC, unless other-
wise specified.


Similar Part No. - AP2204R-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP2204K-3.3VTRG1 DIODES-AP2204K-3.3VTRG1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AP2204R-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com