Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402A34KTTR-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402A34KTTR-E1
Description  DUAL 300mA LDO REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402A34KTTR-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2402A34KTTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2402A34KTTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
6
Mar. 2012 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
DUAL 300mA LDO REGULATORS
AP2402
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆VOUT/VOUT
Variation from specified
VOUT, IOUT=30mA
-2
2
%
Input Voltage
VIN
6V
Maximum Output Current
IOUT(Max)
300
mA
Load Regulation
VRLOAD
1mA
≤IOUT≤300mA
10
60
mV
Line Regulation
VRLINE
VOUT+1V≤VIN≤6V
IOUT=30mA, VCE=VIN
0.01
0.2
%/V
Dropout Voltage
VDROP
IOUT=30mA
VOUT=1.8V
30
36
mV
VOUT=2.5V
20
24
VOUT=2.8V
20
24
VOUT=3.3V
20
24
IOUT=100mA
VOUT=1.8V
100
120
VOUT=2.5V
65
80
VOUT=2.8V
65
80
VOUT=3.3V
65
80
Quiescent Current
IQ
IOUT=0mA
50
90
µA
Standby Current
ISTD
VCE in OFF mode
0.1
1
µA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=1kHz
VIN=VOUT+1V, IOUT=30mA
70
dB
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)/∆T IOUT=30mA, -20oC≤TA≤60oC
±100
ppm/oC
Current Limit
ILIMIT
VCE=VIN
400
mA
Short Circuit Current
ISHORT
VCE=VIN, VOUT short to GND
50
mA
RMS Output Noise
VNOISE
10Hz
≤f≤100kHz
30
µVrms
CE "High" Voltage
CE input voltage "High"
1.3
6
V
CE "Low" Voltage
CE input voltage "Low"
0.4
V
Thermal Shutdown
165
oC
Thermal Shutdown Hys-
teresis
30
oC
Thermal Resistance
(Junction to Case)
θJC
SOT-23-6
85
oC/W
TSOT-23-6
85
DFN-2X2-8
130
(Channel 1/Channel 2: VIN=VOUT+1V, TA=25oC, CIN=1µF, COUT=2.2µF, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AP2402A34KTTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402A31DNTR-E1 BCDSEMI-AP2402A31DNTR-E1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A31DNTR-E1 BCDSEMI-AP2402A31DNTR-E1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A31DNTR-G1 BCDSEMI-AP2402A31DNTR-G1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A31DNTR-G1 BCDSEMI-AP2402A31DNTR-G1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A31KTR-E1 BCDSEMI-AP2402A31KTR-E1 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
More results

Similar Description - AP2402A34KTTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com