Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2112R5A-2.5TRG1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2112R5A-2.5TRG1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2112R5A-2.5TRG1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2112R5A-2.5TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2112R5A-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112
Mar. 2012 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2112
-
G1: Green
Circuit Type
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing Type
1.2V
AP2112K-1.2TRG1
G3L
Tape & Reel
1.8V
AP2112K-1.8TRG1
G3M
Tape & Reel
2.5V
AP2112K-2.5TRG1
G3N
Tape & Reel
2.6V
AP2112K-2.6TRG1
G5N
Tape & Reel
2.8V
AP2112K-2.8TRG1
G3Q
Tape & Reel
SOT-23-5
-40 to 85
°C
3.3V
AP2112K-3.3TRG1
G3P
Tape & Reel
AP2112M-1.2G1
2112M-1.2G1
Tube
1.2V
AP2112M-1.2TRG1
2112M-1.2G1
Tape & Reel
AP2112M-1.8G1
2112M-1.8G1
Tube
1.8V
AP2112M-1.8TRG1
2112M-1.8G1
Tape & Reel
AP2112M-2.5G1
2112M-2.5G1
Tube
2.5V
AP2112M-2.5TRG1
2112M-2.5G1
Tape & Reel
AP2112M-2.6G1
2112M-2.6G1
Tube
2.6V
AP2112M-2.6TRG1
2112M-2.6G1
Tape & Reel
AP2112M-3.3G1
2112M-3.3G1
Tube
SOIC-8
-40 to 85
°C
3.3V
AP2112M-3.3TRG1
2112M-3.3G1
Tape & Reel
1.2V(R5)
AP2112R5-1.2TRG1
G37D
Tape & Reel
1.8V(R5)
AP2112R5-1.8TRG1
G37E
Tape & Reel
2.5V(R5)
AP2112R5-2.5TRG1
G37F
Tape & Reel
2.6V(R5)
AP2112R5-2.6TRG1
G13F
Tape & Reel
SOT-89-5
-40 to 85
°C
3.3V(R5)
AP2112R5-3.3TRG1
G37G
Tape & Reel
1.2V(R5A)
AP2112R5A-1.2TRG1
G33C
Tape & Reel
1.8V(R5A)
AP2112R5A-1.8TRG1
G33E
Tape & Reel
2.5V(R5A)
AP2112R5A-2.5TRG1
G28G
Tape & Reel
2.6V(R5A)
AP2112R5A-2.6TRG1
G13E
Tape & Reel
SOT-89-5
-40 to 85
°C
3.3V(R5A)
AP2112R5A-3.3TRG1
G28H
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
Blank: Tube
TR: Tape & Reel
1.2V: Fixed Output 1.2V
1.8V: Fixed Output 1.8V
2.5V: Fixed Output 2.5V
2.6V: Fixed Output 2.6V
2.8V: Fixed Output 2.8V
3.3V: Fixed Output 3.3V
Package
K: SOT-23-5
M: SOIC-8
R5/R5A: SOT-89-5


Similar Part No. - AP2112R5A-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2112R5A-2.5TRG1 BCDSEMI-AP2112R5A-2.5TRG1 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112R5A-2.5TRG1 DIODES-AP2112R5A-2.5TRG1 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
More results

Similar Description - AP2112R5A-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com