Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3407,A Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3407,A
Description  1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3407,A Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3407,A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3407,A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter AP3407/A
Dec. 2011
Rev. 1. 3
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 12. RDS (ON)_LOW vs. Temperature
-40
0
40
80
120
160
0.12
0.16
0.20
0.24
0.28
0.32
Temperature (
OC)
V
IN
=3.3V
I
SW
=200mA


Similar Part No. - AP3407,A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3407AKTR-G1 DIODES-AP3407AKTR-G1 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP3407KTR-G1 DIODES-AP3407KTR-G1 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3407,A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
   1.4MHz high efficiency synchronous PWM step up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com