Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3422 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3422
Description  Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3422 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3422 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3422
Sep. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Input Voltage (V)
V
IN
=3.6V
V
OUT1
=1.8V
I
OUT
=0A
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.2
0.3
0.4
0.5
0.6
0.7
V
IN
=3.6V
V
FB
=0.55V
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
IN
=3.6V
V
FB
=0.55V
Temperature (
OC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
IN
=3.6V
V
OUT1
=1.8V
Output Current (A)
Typical Performance Characteristics
L1=L2=10
μH, CIN1=CIN2=COUT1=COUT2=10μF, TA=25 ºC, unless otherwise noted.
Figure 4. Frequency vs. Input Voltage
Figure 5. Supply Current vs. Temperature
Figure 6. Current Limit vs. Temperature
Figure 7. Output Voltage vs. Output Current


Similar Part No. - AP3422

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3421,A,B BCDSEMI-AP3421,A,B Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421ADNTR-G1 BCDSEMI-AP3421ADNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421BDNTR-G1 BCDSEMI-AP3421BDNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421DNTR-G1 BCDSEMI-AP3421DNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
More results

Similar Description - AP3422

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com