Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2114M-ADJTRG1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114M-ADJTRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114M-ADJTRG1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2114M-ADJTRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114M-ADJTRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
5
Ordering Information
AP2114
-
Circuit Type
G1: Green
Package
Temperature
Range
Output
Voltage
Part Number
Marking ID
Packing
Type
SOT-223
-40 to 85
°C
1.2V (H)
AP2114H-1.2TRG1
GH12C
Tape & Reel
1.5V (H)
AP2114H-1.5TRG1
GH16G
Tape & Reel
1.8V (H)
AP2114H-1.8TRG1
GH12D
Tape & Reel
2.5V (H)
AP2114H-2.5TRG1
GH14C
Tape & Reel
3.3V (H)
AP2114H-3.3TRG1
GH12E
Tape & Reel
SOT-223
-40 to 85
°C
1.2V (HA)
AP2114HA-1.2TRG1
GH13B
Tape & Reel
1.5V (HA)
AP2114HA-1.5TRG1
GH16H
Tape & Reel
1.8V (HA)
AP2114HA-1.8TRG1
GH14D
Tape & Reel
2.5V (HA)
AP2114HA-2.5TRG1
GH14E
Tape & Reel
3.3V (HA)
AP2114HA-3.3TRG1
GH14F
Tape & Reel
TO-252-2 (1)/
TO-252-2 (3)/
TO-252-2 (4)
-40 to 85
°C
1.2V (D)
AP2114D-1.2TRG1
AP2114D-1.2G1
Tape & Reel
1.5V (D)
AP2114D-1.5TRG1
AP2114D-1.5G1
Tape & Reel
1.8V (D)
AP2114D-1.8TRG1
AP2114D-1.8G1
Tape & Reel
2.5V (D)
AP2114D-2.5TRG1
AP2114D-2.5G1
Tape & Reel
3.3V (D)
AP2114D-3.3TRG1
AP2114D-3.3G1
Tape & Reel
TO-252-2 (1)/
TO-252-2 (3)/
TO-252-2 (4)
-40 to 85
°C
1.2V (DA)
AP2114DA-1.2TRG1
AP2114DA-1.2G1
Tape & Reel
1.5V (DA)
AP2114DA-1.5TRG1
AP2114DA-1.5G1
Tape & Reel
1.8V (DA)
AP2114DA-1.8TRG1
AP2114DA-1.8G1
Tape & Reel
2.5V (DA)
AP2114DA-2.5TRG1
AP2114DA-2.5G1
Tape & Reel
3.3V (DA)
AP2114DA-3.3TRG1
AP2114DA-3.3G1
Tape & Reel
TO-263-3
-40 to 85
°C
1.2V
AP2114S-1.2TRG1
AP2114S-1.2G1
Tape & Reel
1.5V
AP2114S-1.5TRG1
AP2114S-1.5G1
Tape & Reel
1.8V
AP2114S-1.8TRG1
AP2114S-1.8G1
Tape & Reel
2.5V
AP2114S-2.5TRG1
AP2114S-2.5G1
Tape & Reel
3.3V
AP2114S-3.3TRG1
AP2114S-3.3G1
Tape & Reel
SOIC-8
-40 to 85
°C
1.2V
AP2114M-1.2TRG1
2114M-1.2G1
Tape & Reel
1.5V
AP2114M-1.5TRG1
2114M-1.5G1
Tape & Reel
1.8V
AP2114M-1.8TRG1
2114M-1.8G1
Tape & Reel
2.5V
AP2114M-2.5TRG1
2114M-2.5G1
Tape & Reel
3.3V
AP2114M-3.3TRG1
2114M-3.3G1
Tape & Reel
ADJ
AP2114M-ADJG1
2114M-ADJG1
Tube
AP2114M-ADJTRG1
2114M-ADJG1
Tape & Reel
Blank: Tube
TR: Tape & Reel
1.2: Fixed Output 1.2V
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
ADJ: ADJ Output
Package
H/HA: SOT-223
D/DA: TO-252-2 (1)/(3)/(4)
S: TO-263-3
M: SOIC-8
MP: PSOP-8


Similar Part No. - AP2114M-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2114M-ADJTRG1 DIODES-AP2114M-ADJTRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114M-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com