Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3503MP-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503MP-G1
Description  340kHz, 3A Synchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503MP-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3503MP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503MP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
MP Package
(PSOP-8)
1
2
3
4
8
7
6
5
Figure 2. Pin Configuration of AP3503 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
BS
Bootstrap pin. A bootstrap capacitor is connected between the BS pin
and SW pin. The voltage across the bootstrap capacitor drives the
internal high-side power MOSFET
2
IN
Supply power input pin. A capacitor should be connected between the
IN pin and GND pin to keep the input voltage constant
3
SW
Power switch output pin. This pin is connected to the inductor and
bootstrap capacitor
4
GND
Ground pin
5
FB
Feedback pin. This pin is connected to an external resistor divider to
program the system output voltage. When the FB pin voltage exceeds
1.1V, the over voltage protection is triggered. When the FB pin
voltage is below 0.3V, the oscillator frequency is lowered to realize
short circuit protection
6
COMP
Compensation pin. This pin is the output of the transconductance
error amplifier and the input to the current comparator. It is used to
compensate the control loop. Connect a series RC network from this
pin to GND. In some cases, an additional capacitor from this pin to
GND pin is required
7
EN
Control input pin. EN is a digital input that turns the regulator on or
off. Drive EN high/low to turn on/off the regulator. Pull up with
100k
Ω resistor for automatic startup
8
SS
Soft-start control input pin. SS controls the soft-start period. Connect
a capacitor from SS to GND to set the soft-start period. A 0.1
µF
capacitor sets the soft-start period to 15ms. To disable the soft-start
feature, leave SS unconnected
EP
Exposed pad. It should be connected to GND in PCB layout


Similar Part No. - AP3503MP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3503MP-G1 DIODES-AP3503MP-G1 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3503MP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
   340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503E BCDSEMI-AP3503E Datasheet
431Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Anpec Electronics Corop...
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
   23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com