Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3503MPTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503MPTR-G1
Description  340kHz, 3A Synchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503MPTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3503MPTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503MPTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
IN Pin Voltage
VIN
-0.3 to 20
V
EN Pin Voltage
VEN
-0.3 to VIN
V
SW Pin Voltage
VSW
21
V
BS Pin Voltage
VBS
-0.3 to VSW+6
V
FB Pin Voltage
VFB
-0.3 to 6
V
COMP Pin Voltage
VCOMP
-0.3 to 6
V
SS Pin Voltage
VSS
-0.3 to 6
V
Thermal Resistance
θ
JA
60
ºC/W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
ESD (Human Body Model)
VHBM
2000
V
ESD (Machine Model)
VMM
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
4.5
18
V
Operating Ambient Temperature
TA
-40
85
ºC


Similar Part No. - AP3503MPTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3503MPTR-G1 DIODES-AP3503MPTR-G1 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3503MPTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
   340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503E BCDSEMI-AP3503E Datasheet
431Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Anpec Electronics Corop...
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
   23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com