Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3583MP-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3583MP-G1
Description  Single Phase Synchronous Buck PWM Controller With Reference Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3583MP-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3583MP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3583MP-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583/A
Dec. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
9
Typical Performance Characteristics (Continued)
Figure 14. REFIN Operation
Figure 15. Power Input Detection
(VIN=12V, VOUT=1.2V, IOUT=5A)
(VIN=12V, VOUT=1.2V, IOUT=0A)
Figure 16. UGATE Turn-off Waveforms
Figure 17. UGATE Turn-on Waveforms
(VIN=12V, VOUT=1.2V, IOUT=20A)
(VIN=12V, VOUT=1.2V, IOUT=20A)
VREFIN
2V/div
VLGATE
10V/div
Time 10ms/div
VLGATE
10V/div
IL
10A/div
VUGATE-PHASE
2V/div
VPHASE
2V/div
VLGATE
2V/div
Time 40ns/div
VLGATE
2V/div
VPHASE
2V/div
VUGATE-PHASE
2V/div
Time 40ns/div
Time 1ms/div
VOUT
2V/div
VOUT
0.5V/div
VIN
5V/div
VUGATE
5V/div
VUGATE
5V/div


Similar Part No. - AP3583MP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583MP-G1 DIODES-AP3583MP-G1 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
More results

Similar Description - AP3583MP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com