Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3583AMP-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3583AMP-G1
Description  Single Phase Synchronous Buck PWM Controller With Reference Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3583AMP-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3583AMP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3583AMP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583/A
Dec. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3583/A is a simple single-phase synchronous
buck controller. It operates from 5V or 12V supply
voltage and delivers high quality output voltage as
low as 0.6V. This device operates at fixed 200kHz
(AP3583) or 300kHz (AP3583A) frequency and
provides an optimum compromise between efficiency,
external component size and cost.
With integrated linear regulator bootstrap diode, and
N-Channel MOSFET gate drives, the AP3583/A can
reduce external component count and board space
requirements.
The AP3583/A supports both tracking mode and
stand-alone mode operation. The output voltage is
tightly regulated to the external reference voltage
from 0.4V to 3V at tracking mode or internal 0.6V
reference at stand-alone mode.
Other features include internal soft-start, under
voltage protection, over current protection and
shutdown function. With aforementioned functions,
this part provides customers a compact, high
efficiency,
well-protected
and
cost-effective
solutions.
The AP3583/A is available in PSOP-8 package.
Features
Supply Voltage: 5V/12V
VIN Input Range: 3.0V to 13.2V
0.6V to 80% of VIN Output Range
Internal Reference: 0.6V
Support Tracking Mode and Stand-alone Mode
Simple Single-loop Control
Voltage-mode PWM Control
Duty Cycle: 0% to 80%
Fast Transient Response
Fixed Oscillator Frequency: 200/300kHz
Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
Start-up into Pre-biased Output
Built-in Thermal Shutdown
Built-in Soft-start
Over Current/Voltage Protection
Under Voltage Protection
Integrated Boot Diode
Applications
Power Supplies for Microprocessors/Peripherals
PCs, Embedded Controllers, Memory Supplies
DSP and Core Communications Processor
Supplies
Subsystem Power Supplies
PCI, AGP, Graphics Cards and Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination
Supply
Cable Modems, Set Top Boxes, and DSL
Modems
Industrial Power Supplies and General Purpose
Supplies
5V/12V Input DC-DC Regulators
Low-voltage Distributed Power Supplies
Figure 1. Package Type of AP3583/A
PSOP-8


Similar Part No. - AP3583AMP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583AMP-G1 DIODES-AP3583AMP-G1 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
More results

Similar Description - AP3583AMP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com