Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3586AM-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3586AM-G1
Description  Single Phase Synchronous Buck PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3586AM-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3586AM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3586AM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data sheet
Single Phase Synchronous Buck PWM Controller
AP3586A/B/C
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP3586
-
Package
Temperature
Range
Part Number
Marking ID
Packing Type
AP3586AM-G1
3586AM-G1
Tube
AP3586AMTR-G1
3586AM-G1
Tape & Reel
AP3586BM-G1
3586BM-G1
Tube
AP3586BMTR-G1
3586BM-G1
Tape & Reel
AP3586CM-G1
3586CM-G1
Tube
SOIC-8
AP3586CMTR-G1
3586CM-G1
Tape & Reel
AP3586AMP-G1
3586AMP-G1
Tube
AP3586AMPTR-G1
3586AMP-G1
Tape & Reel
AP3586BMP-G1
3586BMP-G1
Tube
AP3586BMPTR-G1
3586BMP-G1
Tape & Reel
AP3586CMP-G1
3586CMP-G1
Tube
PSOP-8
-40 to 85°C
AP3586CMPTR-G1
3586CMP-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
G1: Green
Blank: Tube
TR: Tape & Reel
Circuit Type
A: AP3586A
B: AP3586B
C: AP3586C
Package
M: SOIC-8
MP: PSOP-8


Similar Part No. - AP3586AM-G1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP358 ANACHIP-AP358 Datasheet
263Kb / 13P
   Low Power Dual Operational Amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
AP358 DIODES-AP358 Datasheet
228Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
More results

Similar Description - AP3586AM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com