Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3586BM-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3586BM-G1
Description  Single Phase Synchronous Buck PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3586BM-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3586BM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3586BM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data sheet
Single Phase Synchronous Buck PWM Controller
AP3586A/B/C
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3586A/B/C is a compact synchronous
-rectified buck controller specifically designed to
operate from 5V or 12V supply voltage and deliver
high-quality output voltage as low as 0.6V
(AP3586A) or 0.8V (AP3586B/C). This device
operates at fixed 300kHz (AP3586A/B) or 200kHz
(AP3586C) frequency and provides an optimal level
of integration to reduce size and cost of the power
supply.
This controller integrates internal MOSFET drivers
that support 12V+12V bootstrapped voltage for high-
efficiency power conversion. The bootstrap diode is
built-in to simplify the circuit design and minimize
external part count.
This controller provides single feedback loop,
voltage-mode control with fast transient response.
The error amplifier features a 10MHz gain-bandwidth
product and 6V/µs slew rate which enables high
converter bandwidth for fast transient performance.
Other features include internal soft-start, under
voltage protection, over current protection and
shutdown function. With afore-mentioned functions,
this part provides customers a compact, high
efficiency,
well-protected
and
cost-effective
solutions.
The AP3586A/B/C is available in SOIC-8 and
PSOP-8 packages.
Features
Supply Voltage: 5V/12V
VIN Input Range: 3.3V to 12V
0.6V/0.8V to 82% of VIN Output Range
Internal Reference: 0.6V/0.8V
Simple Single-loop Control
Voltage-mode PWM Control
Duty Cycle: 0% to 82%
Fast Transient Response
10MHz High-bandwidth Error Amplifier with
6V/µs Slew Rate
Fixed Oscillator Frequency: 300kHz/200kHz
Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
Start-up into Pre-biased Load
Built-in Thermal Shutdown
Built-in Soft-start
Over Current Protection
Over Voltage Protection
Under Voltage Protection
Integrated Boot Diode
Applications
Subsystem Power Supplies
PCI, AGP, Graphics Cards, Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination
Supply
Cable Modems, Set Top Boxes, and DSL
Modems
Industrial Power Supplies and General Purpose
Supplies
Figure 1. Package Types of AP3586A/B/C
SOIC-8/PSOP-8


Similar Part No. - AP3586BM-G1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP358 ANACHIP-AP358 Datasheet
263Kb / 13P
   Low Power Dual Operational Amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
AP358 DIODES-AP358 Datasheet
228Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
More results

Similar Description - AP3586BM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com