Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3700Z-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3700Z-E1
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3700Z-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3700Z-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700/A
Data Sheet
5
BCD Semiconductor Manufacturing Limited
Mar. 2008 Rev. 1. 4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UVLO SECTION
Start-up Voltage
VTH (ST)
5.00
5.25
5.50
V
Minimal Operating Voltage
VOPR(min)
3.4
3.65
3.9
V
STANDBY CURRENT SECTION
Start-up Current (Note 3)
IST
VCC=4V
0.22
0.4
mA
Operating Current
ICC(OPR)
0.45
0.7
VCC Zener Voltage
VZ
ICC=10mA
6
6.3
V
Dynamic Impedance
RVCC
VCC=3.8 to 4.8V
18
k
INTERNAL OSCILLATOR
Switching Frequency
FSW
50
60
75
kHz
Frequency Dither
±2
±2.5
±3
kHz
Temperature Stability
5
8
%
DRIVE OUTPUT SECTION
OUT Start-up Voltage
VST
8.5
11
V
Short Circuit Threashold
Voltage (Note 4)
VSC
6V
Rise Time
TR
CL=1nF, 15Ω pull-up
60
ns
Fall Time
TF
CL=1nF, 15Ω pull-up
30
Maximum Duty Cycle
DMAX
VOPR(min) + 0.2V
67
75
84
%
Minimum Duty Cycle
VCC=VTH (ST)-0.2V
3
Driver OUT On-Resistance
ROUT
IOUT=0.06A
3
Switch Off Current (OUT)
Driver off, VOUT=10V
20
40
µA
Effective Current Limit
ILIM
VCC = VOPR+0.1V
For AP3700
460
mA
For AP3700A
500
OUT Current Coefficient
GA
-0.3
A/V
(VCC=4V, TJ=25
oC, unless otherwise specified.)
Electrical Characteristics
Note 3: AP3700/A is an emitter drive controller, the PWM controller will start up only when the voltage on the OUT pin rises
up to its threshould value.
Note 4: AP3700/A performs its short circuit function by shutdown the OUT pulse when the OUT pin voltage drops below its
short circuit threshold value.


Similar Part No. - AP3700Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700Z-E1 BCDSEMI-AP3700Z-E1 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3700Z-E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com