Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3700Z-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3700Z-E1
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3700Z-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3700Z-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3700Z-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700/A
Data Sheet
7
BCD Semiconductor Manufacturing Limited
Mar. 2008 Rev. 1. 4
Function Description
1. Startup Circuit
Figure 3 is the functional block diagram of AP3700/A,
and there are 3 external pins: the VCC pin, the OUT
pin and GND pin. In typical application shown by
Figure 10, the VCC pin is used for both bias supply
and feedback control. The OUT pin directly drives
external NPN transistor or MOSFET, and also
provides initial bias power for UVLO comparator.
When the IC works in PWM mode, the auxiliary
winding will supply the VCC enough operating
current.
Figure 8 shows the start-up sequence of the VCC and
the VOUT.
2. VCC/Feedback Control
An opto-coupler and secondary constant voltage/
current
controller
consists
of
voltage
feedback
network. When load is heavy, the voltage on VCC will
be lower to enlarge duty cycle; on the contrary, if load
drops, the voltage on VCC will rise to reduce duty
cycle.
3. Frequency Dither
Frequency
dither
is
performed
by
periodically
spreading a single switching frequency into adjacent
frequency band, so the peak energy is spread. This
technique can improve EMI by reducing both quasi-
peak and average EMI emissions.
AP3700/A has reference switching frequency of 60
kHz, and its frequency deviation is
±2.5kHz in period
of 2ms. Figure 9 shows the frequency dither influence
to the waveform .
4. Current Limit Control
The AP3700/A employs current mode control to
improve transient response and voltage stability. In
Figure 10, the external inductor current through the
OUT pin is converted to a voltage by an internal
resistor, and this voltage will participate to control
duty cycle and peak inductor current.
CH1: VCC
CH2: OUT
Figure 8. Start-up Sequence of VCC and VOUT
Figure 9. Frequency Dither Influences
the Swithcing Cycle


Similar Part No. - AP3700Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700Z-E1 BCDSEMI-AP3700Z-E1 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3700Z-E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com