Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3706P-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3706P-G1
Description  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706P-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3706P-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706
Data Sheet
4
BCD Semiconductor Manufacturing Limited
Mar. 2009 Rev. 1. 4
Parameter
Value
Unit
Supply Voltage VCC
-0.3 to 30
V
Voltage at CS, BIAS, OUT, VDD, COMP to GND
-0.3 to 7
V
FB input (Pin 5)
-40 to 10
V
Output Current at OUT
Internally limited
A
Power Dissipation at TA=25
oC
0.657
W
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
Thermal Resistance Junction-to-Ambient
SOIC-8
190
oC/W
DIP-8
100
ESD (Machine Model)
200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOIC-8
-40 to 85oC
AP3706M-E1
AP3706M-G1
3706M-E1
3706M-G1
Tube
AP3706MTR-E1
AP3706MTR-G1
3706M-E1
3706M-G1
Tape & Reel
DIP-8
AP3706P-E1
AP3706P-G1
AP3706P-E1
AP3706P-G1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Ordering Information
Circuit Type
E1: Lead Free
AP3706
-
TR: Tape and Reel
Blank: Tube
Package
M: SOIC-8
G1: Green
P: DIP-8


Similar Part No. - AP3706P-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706P-G1 BCDSEMI-AP3706P-G1 Datasheet
279Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
More results

Similar Description - AP3706P-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706 BCDSEMI-AP3706_08 Datasheet
279Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706 Datasheet
75Kb / 2P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3708N BCDSEMI-AP3708N Datasheet
1Mb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Mitsumi Electronics, Co...
MM3460XF MITSUMI-MM3460XF Datasheet
504Kb / 18P
   Primary-Side Power Control IC for LED Lights
logo
Diodes Incorporated
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com