Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431BNTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AS431BNTR-E1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431BNTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431BNTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS431BNTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
9
Dec. 2012 Rev. 2. 6
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Typical Performance Characteristics (Continued)
Figure 14. Reference Impedance vs. Frequency
1K
10K
100K
1,000K
0.1
1
10
Frequency (Hz)
I
KA=10mA
T
A=25
oC
GND
Output
50
1K
I
KA
Figure 15. Stability Boundary Conditions vs. Load Capacitance
I
KA
R1 (10K)
R2
150
0
10
20
30
40
50
60
70
80
90
100
10
1
0.1
0.01
0.001
Stable
Stable
Load Capacitance (μF)
T
A=25
oC
V
KA=VREF
V
KA= 5V:No oscillation
V
KA=10V:No oscillation
V
KA=15V:No oscillation


Similar Part No. - AS431BNTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431BNTR-E1 BCDSEMI-AS431BNTR-E1 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS431BNTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com