Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV331 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZV331
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
6
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
6
BCD Semiconductor Manufacturing Limited
Data Sheet
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Supply Current vs. Temperature
Figure 7. Supply Current vs. Temperature
Typical Performance Characteristics
-40
-20
0
20
40
60
80
100
120
35
40
45
50
55
60
65
70
75
80
Output High
Output Low
V
CC=5V, VEE=0V
Temperature (
OC)
-40
-20
0
2040
6080
100
120
35
40
45
50
55
60
65
70
75
Output High
Output Low
V
CC=2.7V, VEE=0V
Temperature (
OC)
123
45
678
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Output Low
1234
5
6
78
0
5
10
15
20
25
30
35
40
45
50
55
60
Supply Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Output High
TA=25oC, unless otherwise specified.


Similar Part No. - AZV331_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV331KSTR-E1 BCDSEMI-AZV331KSTR-E1 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV331KSTR-E1 DIODES-AZV331KSTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KTR-E1 BCDSEMI-AZV331KTR-E1 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV331KTR-E1 DIODES-AZV331KTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV331_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com