Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045C Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # MBR3045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR3045C Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button MBR3045C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C
10
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 1
Data Sheet
4.300(0.169)
0.450(0.018)
0.600(0.024)
2.540(0.100)
9.700(0.382)
10.300(0.406)
6.900(0.272)
7.100(0.280)
3.000(0.119)
3.400(0.134)
14.700(0.579)
16.000(0.630)
1.000(0.039)
1.400(0.055)
1.100(0.043)
1.500(0.059)
12.500(0.492)
13.500(0.531)
0.550(0.022)
0.900(0.035)
2.540(0.100)
3.000(0.119)
3.550(0.140)
3.370(0.133)
3.900(0.154)
2.350(0.093)
2.900(0.114)
4.900(0.193)
Mechanical Dimensions (Continued)
TO-220F-3
Unit: mm(inch)


Similar Part No. - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045C VISHAY-MBR3045C Datasheet
46Kb / 3P
   Dual Schottky Rectifiers
02-Oct-02
logo
Unisonic Technologies
MBR3045C UTC-MBR3045C Datasheet
162Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
JILIN SINO-MICROELECTRO...
MBR3045C JSMC-MBR3045C Datasheet
540Kb / 9P
   SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
   High efficiency 60 V power Schottky rectifier
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com