Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA214P25 Datasheet(PDF) 26 Page - Intersil Corporation

Part # ISLA214P25
Description  14-Bit, 500MSPS ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P25 Datasheet(HTML) 26 Page - Intersil Corporation

Back Button ISLA214P25 Datasheet HTML 22Page - Intersil Corporation ISLA214P25 Datasheet HTML 23Page - Intersil Corporation ISLA214P25 Datasheet HTML 24Page - Intersil Corporation ISLA214P25 Datasheet HTML 25Page - Intersil Corporation ISLA214P25 Datasheet HTML 26Page - Intersil Corporation ISLA214P25 Datasheet HTML 27Page - Intersil Corporation ISLA214P25 Datasheet HTML 28Page - Intersil Corporation ISLA214P25 Datasheet HTML 29Page - Intersil Corporation ISLA214P25 Datasheet HTML 30Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ISLA214P50
26
FN7571.2
December 10, 2012
Bits 3:0 These bits should always mirror bits 4:7 to avoid
ambiguity in bit ordering.
ADDRESS 0X02: BURST_END
If a series of sequential registers are to be set, burst mode can
improve throughput by eliminating redundant addressing.
Setting the burst_end address determines the end of the
transfer; during a write operation, the user must be cautious to
transmit the correct number of bytes based on the starting and
ending addresses.
Bits 7:0 Burst End Address
This register value determines the ending address of the burst
data.
Device Information
ADDRESS 0X08: CHIP_ID
ADDRESS 0X09: CHIP_VERSION
The generic die identifier and a revision number, respectively, can
be read from these two registers.
Device Configuration/Control
A common SPI map, which can accommodate single-channel or
multi-channel devices, is used for all Intersil A/D products.
ADDRESS 0X20: OFFSET_COARSE_ADC0
ADDRESS 0X21: OFFSET_FINE_ADC0
The input offset of the A/D core can be adjusted in fine and
coarse steps. Both adjustments are made via an 8-bit word as
detailed in Table 5. The data format is twos complement.
The default value of each register will be the result of the
self-calibration after initial power-up. If a register is to be
incremented or decremented, the user should first read the
register value then write the incremented or decremented value
back to the same register. Bit 0 in register 0xFE must be set high
to enable updates written to 0x20 and 0x21 to be used by the
ADC (see description for 0xFE).
ADDRESS 0X22: GAIN_COARSE__ADC0
ADDRESS 0X23: GAIN_MEDIUM_ADC0
ADDRESS 0X24: GAIN_FINE_ADC0
Gain of the A/D core can be adjusted in coarse, medium and fine
steps. Coarse gain is a 4-bit adjustment while medium and fine
are 8-bit. Multiple Coarse Gain Bits can be set for a total
adjustment range of ±4.2%. (‘0011’
≅ -4.2% and ‘1100’ ≅ +4.2%)
It is recommended to use one of the coarse gain settings (-4.2%,
-2.8%, -1.4%, 0, 1.4%, 2.8%, 4.2%) and fine-tune the gain using the
registers at 23h and 24h.
The default value of each register will be the result of the
self-calibration after initial power-up. If a register is to be
incremented or decremented, the user should first read the
register value then write the incremented or decremented value
back to the same register. Bit 0 in register 0xFE must be set high
to enable updates written to 0x26 and 0x27 to be used by the
ADC (see description for 0xFE).
ADDRESS 0X25: MODES
Two distinct reduced power modes can be selected. By default,
the tri-level NAPSLP pin can select normal operation, nap or
sleep modes (refer to“Nap/Sleep” on page 21). This functionality
can be overridden and controlled through the SPI. This is an
indexed function when controlled from the SPI, but a global
function when driven from the pin. This register is not changed by
a Soft Reset.
ADDRESS 0X26: OFFSET_COARSE_ADC1
ADDRESS 0X27: OFFSET_FINE_ADC1
The input offset of A/D core#1 can be adjusted in fine and
coarse steps in the same way that offset for core#0 can be
adjusted. Both adjustments are made via an 8-bit word as
detailed in Table 5. The data format is twos complement.
The default value of each register will be the result of the self-
calibration after initial power-up. If a register is to be incremented or
decremented, the user should first read the register value then write
the incremented or decremented value back to the same register.
TABLE 5. OFFSET ADJUSTMENTS
PARAMETER
0x20[7:0]
COARSE OFFSET
0x21[7:0]
FINE OFFSET
Steps
255
255
–Full Scale (0x00)
-133LSB (-47mV)
-5LSB (-1.75mV)
Mid–Scale (0x80)
0.0LSB (0.0mV)
0.0LSB
+Full Scale (0xFF)
+133LSB (+47mV)
+5LSB (+1.75mV)
Nominal Step Size
1.04LSB (0.37mV)
0.04LSB (0.014mV)
TABLE 6. COARSE GAIN ADJUSTMENT
0x22[3:0] core 0
0x26[3:0] core 1
NOMINAL COARSE GAIN ADJUST
(%)
Bit3
+2.8
Bit2
+1.4
Bit1
-2.8
Bit0
-1.4
TABLE 7. MEDIUM AND FINE GAIN ADJUSTMENTS
PARAMETER
0x23[7:0]
MEDIUM GAIN
0x24[7:0]
FINE GAIN
Steps
256
256
–Full Scale (0x00)
-2%
-0.20%
Mid–Scale (0x80)
0.00%
0.00%
+Full Scale (0xFF)
+2%
+0.2%
Nominal Step Size
0.016%
0.0016%
TABLE 8. POWER-DOWN CONTROL
VALUE
0x25[2:0]
POWER DOWN MODE
000
Pin Control
001
Normal Operation
010
Nap Mode
100
Sleep Mode


Similar Part No. - ISLA214P25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P25 RENESAS-ISLA214P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P25 INTERSIL-ISLA214P25 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA214P25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com