Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MDL06-068-15AN25 Datasheet(PDF) 5 Page - RMT Ltd.

Part # 1MDL06-068-15AN25
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MDL06-068-15AN25 Datasheet(HTML) 5 Page - RMT Ltd.

  1MDL06-068-15AN25 Datasheet HTML 1Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 2Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 3Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 4Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 5Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 6Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 7Page - RMT Ltd. 1MDL06-068-15AN25 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 5 of 8
TEC Polarity
Terminal Wires Options
TEC Polarity can be modified by request. The
specified polarity in this datasheet is typical.
It can be reversed in accordance to Customer
application requirements.
The standard solution is with terminal wires. TEC
can be modified for WB process by request. In this
case terminal wires are not mounted, TEC has Au
plated WB pads.
Customized Au patterns on thermoelectric cooler
cold side are available by request. Selective Pre-
tinning over pattern is also available. Please,
contact RMT Ltd for additional information about
customized Au patterns requirements.
+
-
+
-
Additional Options
Thermoelectric Cooling Solutions
Standard TEC height can be modified without
performance changes by using ceramics of
different thickness. Standard thermoelectric cooler
height (specified in this datasheet) can be
increased in a range +0.5..+1.5 mm by request.
In case of WB optimization, the standard WB
solution is with WB pads (no posts) by default. WB
posts are available by request. The dimensions of
WB posts can be modified and optimized for
Customers application. WB posts are made of
Copper, Au plated.
Customized Au Patterns
Optimization for WB process
TEC Height modification
Standard polarity
Reversed polarity
Standard solution,
terminal wires
WB Solution, Au
played WB pads
Customized Au pattern
on cold side
Selective pre-tinning
over pattern
Standard height
Modified height,
another ceramics
thickness
WB pads
WB posts


Similar Part No. - 1MDL06-068-15AN25

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MDL06-068-15AN25 RMT-1MDL06-068-15AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MDL06-068-15AN25

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
3MC06-024-05 RMT-3MC06-024-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC06-050-05 RMT-3MC06-050-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC10-038-08 RMT-3MC10-038-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MD04-071-05 RMT-3MD04-071-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC06-105-03 RMT-4MC06-105-03 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC10-095-08-1 RMT-4MC10-095-08-1 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MD04-116-05 RMT-4MD04-116-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-011-05 RMT-1MD04-011-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-012-03 RMT-1MD04-012-03_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-007-05 RMT-1MD06-007-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-017-05 RMT-1MD06-017-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com