Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1086DX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN1086DX
Description  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086DX Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FAN1086DX Datasheet HTML 1Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 2Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 3Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 8Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FAN1086
PRODUCT SPECIFICATION
REV. 1.0.7 11/10/03
7
Mechanical Dimensions
4-Lead SOT-223 Package
A
.071
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.181
.033
B
.025
c
.090
E
.130
.148
e
H
.264
.287
.115
.124
.033
.041
10
°
F
F
I
J
D
.248
.264
1.80
4.80
.840
.640
2.29
3.30
3.71
6.71
7.29
.012
.310
2.95
3.15
.840
1.04
10
°
10
°
16
°
K
10
°
16
°
.0008
.0040
L
.0203
.1018
10
°
16
°
M
10
°
16
°
.010
.014
N
.250
.360
6.30
6.71
A
D
e
E
c
H
A1
B
I
J
K
L
M
N


Similar Part No. - FAN1086DX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - FAN1086DX

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com