Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1581DX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1581DX
Description  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581DX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1581DX Datasheet HTML 1Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 2Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 3Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 8Page - Fairchild Semiconductor FAN1581DX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAN1581
PRODUCT SPECIFICATION
2
REV. 1.2.0 11/6/03
Pin Assignments
Pin Definitions
Internal Block Diagram
Pin
Number
Pin Name
Pin Function Descrition
1
VSense
Remote Voltage Sense. Connect this pin to the load to permit true remote sensing and
avoid trace drops.
2
ADJ/GND
Adjust or Ground. On the FAN1581, this pin forms the feedback to determine the output
voltage. On the FAN1581-1.2, -1.5 and -2.5, connect this pin to ground.
3
VOUT
Output Voltage. This pin and the tab are output.
4
VCNTL
Control Voltage. This pin draws small-signal power to control the FAN1581 circuitry.
Connect to a voltage higher than VIN, as shown in the applications circuits.
5
VIN
Input Voltage.
FRONT VIEW
12 3 4 5
FRONT VIEW
12 3 4 5
FAN1581M-1.2,
-1.5, -2.5
FAN1581M
FRONT VIEW
FAN1581D
FRONT VIEW
FAN1581D-1.2,
-1.5, -2.5
FRONT VIEW
FAN1581T
5-Lead Plastic TO-263
Θ
JC=3°C/W*
Tab is out.
5-Lead TO-220
Θ
JC=3°C/W* Tab is VOUT.
5-Lead Plastic TO-252 DPAK
Θ
JC=3°C/W*
Tab is out.
12
3
4
5
1
2
3
4
5
12
3
4 5
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
θ
JA can vary from
30
°C/W to more than 40 °C/W. Other mounting techniques can provide a thermal resistance lower than 30 °C/W.
Current
Limit
Thermal
Shutdown
Vref
Vin, Power
Output
Sense
Adj
VCNTL, Control
2
1
3
5
4
Voltage Loop
Amplifier


Similar Part No. - FAN1581DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1581DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com